Part Number Hot Search : 
6034026 123SA 2SB1143 IZ1238M A1150 PM4380 SP254 6ABST
Product Description
Full Text Search
 

To Download DTA114TEB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
DTA114TEB
-100mA / -50V Digital transistors (with built-in resistors)
DTA114TEB
Applications Inverter, Interface, Driver Dimensions (Unit : mm)
EMT3F
1.6 0.26
1.6 0.86 0.37
Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making the device design easy.
0.7
0.45
(3)
(1) 0.5 0.5 1.0
(2) 0.13
(1) Base (2) Emitter (3) Collector
Each lead has same dimensions
Abbreviated symbol : 94
Structure PNP silicon epitaxial planar transistor type (Resistor built-in)
Equivalent circuit
Packaging specifications
Package Packaging type Code
Part No. DTA114TEB EMT3F
C B R1 E
B : Base C : Collector E : Emitter
Taping
TL 3000
Basic ordering unit (pieces)
R1=10k
Absolute maximum ratings (Ta=25 C)
Parameter Symbol Limits -50 -50 -5 -100
1
Unit V V V mA mW
C C
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Power dissipation Junction temperature Range of Storage temperature
VCBO
VCEO VEBO IC PD Tj Tstg
150 150 -55 to +150
1 Each terminal mounted on a recommended land
0.45
0.37
1/2
Transistors
Electrical characteristics (Ta=25 C)
Parameter
Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Input resistance
Characteristics of built-in transistor
DTA114TEB
Symbol BVCEO BVCBO BVEBO ICBO IEBO VCE(sat) hFE fT R1
Min. -50 -50 -5 - - - 100 - 7
Typ. - - - - - - 250 250 10
Max. - - - -500 -500 -0.3 600 - 13
Unit V V V nA nA V - MHz k IC=-1mA IC=-50A IE=-50A VCB=-50V VEB=-4V
Conditions
IC/IB=-10mA/-1mA VCE=-5V, IC=-1mA VCE=-10V, IE=5mA, f=100MHz -
Electrical characteristic curves
1k 500
DC CURRENT GAIN : hFE COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
VCE=-5V
-1 -500m -200m -100m -50m -20m -10m -5m -2m -1m -100 -200 -500 -1m -2m Ta=100C 25C -40C
lC/lB=20
200 100 50 20 10 5 2 1 -100 -200 -500 -1m -2m -5m -10m -20m -50m-100m Ta=100C 25C -40C
-5m -10m -20m -50m-100m
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.1 DC current gain vs. collector current
Fig.2 Collector-emitter saturation voltage vs. collector current
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2007 ROHM CO.,LTD.
THE AMERICAS / EUPOPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co. jp
21, Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix1-Rev2.0


▲Up To Search▲   

 
Price & Availability of DTA114TEB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X